Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB21 Datasheet(PDF) 12 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 12 Page - ASM GmbH

Back Button WB21 Datasheet HTML 8Page - ASM GmbH WB21 Datasheet HTML 9Page - ASM GmbH WB21 Datasheet HTML 10Page - ASM GmbH WB21 Datasheet HTML 11Page - ASM GmbH WB21 Datasheet HTML 12Page - ASM GmbH WB21 Datasheet HTML 13Page - ASM GmbH WB21 Datasheet HTML 14Page - ASM GmbH WB21 Datasheet HTML 15Page - ASM GmbH WB21 Datasheet HTML 16Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
U2/PMU
U8/PMU
I1/PMU
DB-WB21-E-2013-11
12/21
© ASM GmbH
www.asm-sensor.com
I1/PMU
Current output
4 ... 20 mA, 3 wire
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 36 mA at 24 V DC, typ. 70 mA at 12 V DC
max. 100 mA
Load R
L
500 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
U8/PMU
Voltage output
0.5 ... 4.5 V
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 17 mA at 24 V DC, typ. 32 mA at 12 V DC
max. 60 mA
Output voltage
0,5 ... 4,5 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
U2/PMU
Voltage output
0.5 ... 10 V
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 20 mA at 24 V DC, typ. 38 mA at 12 V DC
max. 60 mA
Output voltage
0,5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
POSITAPE®
U2/PMU,U8/PMUandI1/PMU
Analogoutput,programmable
Outputsignals
)
Signalwiring/
connection
Signal
Connector
pin
Cablewire
color
Excitation +
1
brown
Signal
2
white
GND
3
blue
Do not connect!
4
black
SPAN/ZERO
5
grey
Excitation +
GND
Signal +
SPAN/ZERO
View to sensor
connector
Option-PMU
Programmingofthestartandendvaluebythecustomer
Teach-In of start and end value for the options U2/PMU, I1/PMU, U8/PMU is provided by a binary signal SPAN/ZERO. At
the start position connect signal SPAN/ZERO for a period of 2 … 3 seconds to GND via push button. At the end position
connect signal SPAN/ZERO for a period of 5 … 6 seconds to GND via a push button. The teached positions will be stored
non-volatile.
To reset the sensor to factory default signal ZERO/END must be connected to ground while powering up the sensor for
2 … 3 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com