Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB21 Datasheet(PDF) 16 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 16 Page - ASM GmbH

Back Button WB21 Datasheet HTML 12Page - ASM GmbH WB21 Datasheet HTML 13Page - ASM GmbH WB21 Datasheet HTML 14Page - ASM GmbH WB21 Datasheet HTML 15Page - ASM GmbH WB21 Datasheet HTML 16Page - ASM GmbH WB21 Datasheet HTML 17Page - ASM GmbH WB21 Datasheet HTML 18Page - ASM GmbH WB21 Datasheet HTML 19Page - ASM GmbH WB21 Datasheet HTML 20Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DB-WB21-E-2013-11
16/21
© ASM GmbH
www.asm-sensor.com
POSITAPE®
MCANJ1939
DigitaloutputCANSAEJ1939
MCANJ1939
CAN SAE J1939
CAN specification
ISO 11898, Basic and Full CAN 2.0 B
Transceiver
24V-compliant, not isolated
Communication profile
SAE J1939
Baud rate
250 kbit/s
Internal temination resistor
120 Ω adjustable by the customer
Address
Default 247d, configurable
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
Typ. 20/40 mA for 24/12 V, max. 80 mA
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
EMC
EN 61326-1:2013
View to sensor connector
Signalwiring/
connection
Signalname
Connectorpinno.
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
NAMEFields
Arbitrary address capable
1
Yes
Industry group
0
Global
Vehicle system
7Fh (127d)
Non specific
Vehicle system instance
0
Function
FFh (255d)
Non specific
Function instance
0
ECU instance
0
Manufacturer
145h (325d)
Manufacturer ID
Identity number
0nnn
Serial number 21 bit
ParameterGroup
Numbers(PGN)
Configuration data
PGN EF00h
Proprietary-A
(PDU1 peer-to-peer)
Process data
PGN FFnnh
Proprietary-B
(PDU2 broadcast);
nn Group Extension (PS)
configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com