Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB21 Datasheet(PDF) 14 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 14 Page - ASM GmbH

Back Button WB21 Datasheet HTML 10Page - ASM GmbH WB21 Datasheet HTML 11Page - ASM GmbH WB21 Datasheet HTML 12Page - ASM GmbH WB21 Datasheet HTML 13Page - ASM GmbH WB21 Datasheet HTML 14Page - ASM GmbH WB21 Datasheet HTML 15Page - ASM GmbH WB21 Datasheet HTML 16Page - ASM GmbH WB21 Datasheet HTML 17Page - ASM GmbH WB21 Datasheet HTML 18Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DB-WB21-E-2013-11
14/21
© ASM GmbH
www.asm-sensor.com
MSSI
Synchronous serial SSI
Interface
EIA RS-422
Excitation voltage
8 ... 36 V DC
Excitation current
typ. 19 mA at 24 V DC
typ. 35 mA at 12 V DC
max. 80 mA
Clock frequency
100 kHz ... 500 kHz
Code
Gray-Code, continuous progression
Delay between pulse trains
20 µs min.
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
EN 61326-1:2013
DATA
DATA
CLOCK
CLOCK
Recommended
processingcircuit
Note:
Extension of the cable length will reduce
the maximum transmission rate.
View to sensor
connector
Transmission
rate
Cablelength
Baudrate
50 m
100-400 kHz
100 m
100-300 kHz
Dataformat
(train of 26 pulses)
Signalwiring/
Connection
Signal
Connector
Pin
Cablewire
color
Excitation +
1
white
Excitation GND
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
−
7
blu
−
8
red
POSITAPE®
MSSI
DigitaloutputSSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com