Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB21 Datasheet(PDF) 1 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 1 Page - ASM GmbH

  WB21 Datasheet HTML 1Page - ASM GmbH WB21 Datasheet HTML 2Page - ASM GmbH WB21 Datasheet HTML 3Page - ASM GmbH WB21 Datasheet HTML 4Page - ASM GmbH WB21 Datasheet HTML 5Page - ASM GmbH WB21 Datasheet HTML 6Page - ASM GmbH WB21 Datasheet HTML 7Page - ASM GmbH WB21 Datasheet HTML 8Page - ASM GmbH WB21 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
WB21
BAB1
DB-WB21-E-2013-11
1/21
© ASM GmbH
www.asm-sensor.com
Specifications
Outputs
U2
U8
I1
Voltage 0.5 ... 10 V
Voltage 0.5 ... 4.5 V
Current 4 ... 20 mA, 3 wire
Resolution
<0,05 mm
Linearity
±0.10 % f. s.; optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Aluminium, plastic and stainless steel;
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP67/IP69K (with mating connector)
Connection
Connector M12, 5 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
EMC, temperature
Refer to output specification
Positionsensorwithmeasuringtape
• Measurementrangeupto20,000mm
• ProtectionclassIP67/IP69K
• Stainlesssteelmeasuringtape
• Analogoutput
Orderexample:WB21-8000-I1-A-L10-M12R5-BAB1
POSITAPE®
WB21
AnalogOutput
OrdercodeWB21




Modelname
Measurementrange(inmm)
8000 / 10000 / 12500 / 15000 / 17500 / 20000
Output
U2
= 0.5 ... 10 V signal conditioner
U8
= 0.5 ... 4.5 V signal conditioner
I1
= 4 ... 20 mA signal conditioner
Signalcharacteristics
A
= increasing (eg. 4 ... 20 mA)
D
= decreasing (eg. 20 ... 4 mA)
Linearity
L10
= ±0.10 % (standard)
L05
= ±0.05 % (optional)
Connection
M12R5 = Connector M12, 5 pin
Dustwiper
BAB1
Ordercodeconnectorcableseepage17


Similar Part No. - WB21

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB212WSL COILCRAFT-WB212WSL Datasheet
246Kb / 5P
Wideband Transformers
WB21TSL COILCRAFT-WB21TSL Datasheet
246Kb / 5P
Wideband Transformers
More results

Similar Description - WB21

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
analog or SSI output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
analog output
WB10ZG ASM-SENSOR-WB10ZG Datasheet
1Mb / 16P
Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
Analog Output
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
Analog Output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
Analog Output Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com