Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
7
Functional Description
The TLE 6240 GP is an 16-fold low-side power switch which provides a serial peripheral in-
terface (SPI) to control the 16 power DMOS switches, and diagnostic feedback. The power
transistors are protected against short to VBB, overload, overtemperature and against over-
voltage by active zener clamp.
The diagnostic logic recognizes a fault condition which can be read out via the serial diagnos-
tic output (SO).
Circuit Description
Power Transistor Protection Functions
7)
Each of the 16 output stages has its own zener clamp, which causes a voltage limitation at the
power transistor when solenoid loads are switched off. The outputs are provided with a current
limitation set to a minimum of 1 A for channels 1 to 8 and 3 A for channels 9 to16.
Each output is protected by embedded protection functions. In the event of an overload or
short to supply, the current is internally limited and the corresponding bit combination is set
(early warning). If this operation leads to an overtemperature condition, a second protection
level (about 170 °C) will change the output into a low duty cycle PWM (selective thermal shut-
down with restart) to prevent critical chip temperatures.
SPI Signal Description
CS
- Chip Select. The system microcontroller selects the TLE 6240 GP by means of the CS
pin. Whenever the pin is in a logic low state, data can be transferred from the µC and vice
versa.
CS
High to Low transition: - Diagnostic status information is transferred from the power
outputs into the shift register.
- Serial input data can be clocked in from then on.
- SO changes from high impedance state to logic high or low
state corresponding to the SO bits.
CS
Low to High transition: - Transfer of SI bits from shift register into output buffers
.
To avoid any false clocking the serial clock input pin SCLK should be logic low state during
high to low transition of CS . When CS is in a logic high state, any signals at the SCLK and SI
pins are ignored and SO is forced into a high impedance state.
SCLK - Serial Clock. The system clock pin clocks the internal shift register of the TLE
6240 GP. The serial input (SI) accepts data into the input shift register on the falling edge of
SCLK while the serial output (SO) shifts diagnostic information out of the shift register on the
7 )
The integrated protection functions prevent an IC destruction under fault conditions and may not be used in normal operation or perma-
nently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com