Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
16
• LLLLLLLL XXXXXXXX
Control Byte
Data Byte
"
"!
"" ""!
""
SI information: Full diagnosis for channels 1 to 8. No change of output states.
SO: 16 bit diagnosis for channels 1 to 8 performed during next chip select cycle.
• LLLLHHHH XXXXXXXX
Control Byte
Data Byte
""!
"" ""!
""
SI information: Full diagnosis for channels 9 to 16. No change of output states.
SO: 16 bit diagnosis for channels 9 to 16 performed during next chip select cycle.
c) Read back of parallel inputs plus simple diagnosis
• HHLLLLLL XXXXXXXX
Control Byte
Data Byte
""!
"" ""!
""
:
SI information: No change of the output states. Read back of parallel inputs and 1 bit diag
nosis for channels 1 to 8.
SO:State of eight inputs plus 1 bit diagnosis for channel 1 to 8 during next chip select cycle.
• HHLLHHHH XXXXXXXX
Control Byte
Data Byte
""!
"" ""!
""
SI information: No change of the output states. Read back of parallel inputs and 1 bit diag-
nosis for channels 9 to 16.
SO: State of eight inputs plus 1 bit diagnosis for channel 9 to 16 during next chip select cy-
cle.
d) SPI Echo function
• HLHLLLLL XXXXXXXX
Control Byte
Data Byte
""!
"" ""!
""
:
SI information: Echo function of SPI interface. No change of the output states.
SO: During next chip select cycle the SI bits clocked in appear directly at SO because of an
internal connection for this cycle
• HLHLHHHH XXXXXXXX
Control Byte
Data Byte
""!
"" ""!
""
SI information: Echo function of SPI interface. No change of the output states.
SO: During next chip select cycle the SI bits clocked in appear directly at SO because of an
internal connection for this cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com