Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
11
In the following section the different control bytes will be descriped. X used within the control
byte means:
X = L: Command is valid for channels 1 to 8
X = H: Command is valid for channels 9 to 16
1/6. LLLL XXXX - Diagnosis only
By clocking in this control byte, it is possible to get pure diagnostic information (two bits per
channel) in accordance with Figure 1 (page 14). The data bits are ignored, so that the state of
the outputs are not influenced. This command is only active once unless the next control
command is again "Diagnosis only".
Diagnostic information can be read out at any time with
no change of the switching conditions.
Example for two consecutive chip select cycles:
SI
LLLL
LLLL
XXXX
XXXX
SO
HHHH
HHHH
HHHH
HHHH
CS
SI command: Diagnosis only for channels 1 to 8. No change of
the output states
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SI
LLLL
HHHH
XXXX
X XXX
SO
CS
SI command: Diagnosis only for channels 9 to 16. No change of
the output states
DIAG_2 provided during next chip select cycle
SO diagnosis: 2 bit diagnosis performed for channels 1 to 8
DIAG_1
2/7. HHLL XXXX - Reading back of the eight inputs and ‘1-bit Diagnosis’ provided
If the TLE 6240 GP is used as bare die in a hybrid application, it is necessary to know if proper
connections exist between the µC-port and parallel inputs. By entering ‘HHLL’ as the control
word, the first eight bits of the SO give the state of the parallel inputs, depending on the µC
signals. By comparing the IN-bits with the corresponding µC-port signal, the necessary con-
nection between the µC and the TLE 6240 GP can be verified - i.e. ‘read back of the inputs’.
The second 8-bits fed out at the serial output contains ‘1-bit’ fault information of the outputs (H
= no fault, L = fault ). In the expression given below for the output byte, ‘FX’ is the fault bit for
channel X.
MSB
LSB
IN12 IN11 IN10 IN9 IN4 IN3 IN2 IN1
Parallel Input Signals
""""""""
"!
""""""""" FX FX FX FX FX FX FX FX
Fault Bits Channels 1 to 8 or 9 to 16
"""""""!
""""""" : Serial Output byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com