Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
12
Example for two consecutive chip select cycles:
SI
HHLL
LLLL
XXXX
XXXX
SO
HHHH
HHHH
HHHH
HHHH
CS
SI command: No change of the output states; reading back of
the 8 inputs and 1bit diagnosis for channels 1 to 8
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SI
HHLL
HHHH
XXXX
X XXX
SO
CS
SI command: No change of the output states; reading back of
the 8 inputs and 1bit diagnosis for channels 9 to 16 provided
during next chip select cycle
SO diagnosis: State of eight parallel inputs and 1 bit diagnosis
performed for channels 1 to 8
State of 8 par. inputs 1bit diagnosis Ch.1..8
3/8. HLHL XXXX - Echo-function of SPI
To check the proper function of the serial interface the TLE 6240 GP provides a "SPI Echo
Function". By entering HLHL as control word, SI and SO are connected during the next CS
period. By comparing the bits clocked in with the serial output bits, the proper function of the
SPI interface can be verified. This internal loop is only closed once (for one CS period). The
“Echo Function” does not cause any internal processing of data and after the next CS signal
the SO data is “0” (all registers reset).
SI
SI and SO int. connected
Echo-function of SPI, i.e. SI
directly connected to SO.
SI information will not be
accepted during this cycle.
SI
HLHL
LLLL
XXXX
X XXX
SO
HHHH
HHHH
HHHH
H HHH
CS
SI command: No change of the output states; Echo function of
SPI
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SO
CS
4/9. LLHH XXXX DDDDDDDD - OR operation, and ‘full diagnosis’
With LLHH LLLL as the control word, each of the input signals IN1...IN4 are 'OR'ed with the
corresponding SI data bits.
With LLHH HHHH as the control word, each of the input signals IN9...IN12 are 'OR'ed with the
corresponding SI data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com