Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6240GP Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
3
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
GND
Ground
2
OUT9
Power Output Channel 9
3
OUT10
Power Output Channel 10
4
OUT1
Power Output Channel 1
5
OUT2
Power Output Channel 2
6
IN1
Input Channel 1
7
IN2
Input Channel 2
8
VS
Supply Voltage
9
RESET
Reset
10
CS
Chip Select
11
PRG
Program (inputs high or low-active)
12
IN3
Input Channel 3
13
IN4
Input Channel 4
14
OUT3
Power Output Channel 3
15
OUT4
Power Output Channel 4
16
OUT11
Power Output Channel 11
17
OUT12
Power Output Channel 12
18
GND
Ground
19
GND
Ground
20
OUT13
Power Output Channel 13
21
OUT14
Power Output Channel 14
22
OUT5
Power Output Channel 5
23
OUT6
Power Output Channel 6
24
IN9
Input Channel 9
25
IN10
Input Channel 10
26
FAULT
General Fault Flag
27
SO
Serial Data Output
28
SCLK
Serial Clock
29
SI
Serial Data Input
30
IN11
Input Channel 11
31
IN12
Input Channel 12
32
OUT7
Power Output Channel 7
33
OUT8
Power Output Channel 8
34
OUT15
Power Output Channel 15
35
OUT16
Power Output Channel 16
36
GND
Ground
Heat Slug internally connected to ground pins
GND
1
•
36
GND
OUT9
2
35 OUT16
OUT10 3
34 OUT15
OUT1
4
33 OUT8
OUT2
5
32 OUT7
IN1
6
31 IN12
IN2
7
30 IN11
VS
8
29
SI
RESET
928 SCLK
CS
10
27
SO
PRG
11
26 FAULT
IN3
12
25 IN10
IN4
13
24
IN9
OUT3
14
23 OUT6
OUT4
15
22 OUT5
OUT11 16
21 OUT14
OUT12 17
20 OUT13
GND
18
19
GND
Power SO 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com