Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS299E Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACS299E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DC ELECTRICAL CHARACTERISTICS 1
( -55
C < T
C < +125C)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIL
Low level input voltage2
VDD from 3.0V to 5.5V
0.3 VDD
V
VIH
High level input voltage2
VDD from 3.0V to 5.5V
0.7 VDD
V
IIN
Input leakage current
VDD from 3.0V to 5.5V
VIN = VDD or VSS
-1
1
A
IOZ
Three-state output leakage current
VDD from 3.0V to 5.5V
VIN = VDD or VSS
-10
10
A
IOS
Short-circuit output current 4, 5
VO = VDD or VSS
VDD from 3.0V to 5.5V
-600
600
mA
VOL1
Low-level output voltage 6
IOL = 12mA
IOL = 100A
VDD = 3.0V to 3.6V
VIN = 0.7VDD or 0.3VDD
0.4
0.2
V
VOL2
Low-level output voltage 6
IOL= 24mA
-55
C, 25C
IOL= 24mA
+125
C
IOL= 100A
VDD = 4.5V to 5.5V
VIN = 0.7VDD or 0.3VDD
0.36
0.5
0.2
V
VOL3
Low-level output voltage6, 7
IOL= 50mA
-55
C, 25C
VDD = 5.5V
+125
C
VIN = 0.7VDD or 0.3VDD
0.8
1.0
V
VOH1
High-level output voltage6
IOH = -12mA
IOH = -100A
VDD = 3.0V to 3.6V
VIN = 0.7VDD or 0.3VDD
VDD - 0.6
VDD - 0.2
V
VOH2
High-level output voltage6
IOH= -24mA
-55
C, 25C
IOH= -24mA
+125
C
IOH= -100A
VDD = 4.5V to 5.5V
VIN = 0.7VDD or 0.3VDD
VDD - 0.64
VDD - 0.8
VDD - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com