Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS299E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS299E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Standard Products
UT54ACS299E
CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
Datasheet
July 2, 2013
www.aeroflex.com/Logic
FEATURES
 Common parallel I/O for reduced pin count
 Additional serial inputs and outputs for expansion
 Three-state outputs for bus-oriented applications
 Operate with outputs enabled or at high impedance
 Four operating modes: shift left, shift right, load and store
 Can be cascaded for n-bit word lengths
 0.6m Commercial RadHardTM CMOS
- Total dose: 100K rad(Si)
- Single Event Latchup immune
- SEU Onset LET: 95 MeV-cm2/mg (4.5V) and
48MeV-cm2/mg (3.0V)
 Applications:
- Stacked or push-down registers
- Buffer storage
- Accumulator registers
 Output source/sink 24mA
 Available QML Q or V processes
 Standard Microcircuit Drawing 5962-06238
 Package:
- 20-lead flatpack
DESCRIPTION
The UT54ACS299E 8-bit shift/storage register is built using
Aeroflex’s Commercial RadHardTM epitaxial CMOS technolo-
gy and is ideal for space applications. The UT54ACS299E is an
8-bit universal shift/storage register featuring multiplexed I/O
ports to achieve full 8-bit data handling in a single 20-pin pack-
age. Two function-select (S0, S1) inputs and two output enable
(OE1, OE2) inputs can be used to choose the mode of operation
listed in the function table. Additional outputs are provided for
flip flops Q0, Q7 to allow easy serial cascading. A separate
active low master reset (MR) is used to reset the register, over-
riding the select and CP inputs. All flip-flops are brought out
through three-state buffers to separate I/O pins that also serve
as data inputs in the parallel load mode. All other state changes
are initiated by the rising edge of the clock.
LOGIC SYMBOL
PIN DESCRIPTION
Pin Names
Description
CP
Clock Pulse Input
DS0
Serial Data Input for Right Shift
DS7
Serial Data Input for Left Shift
S0, S1
Mode Select Inputs
MR
Asynchronous Master Reset
OE1, OE2
Three-State Output Enable Inputs
IO0-IO7
Parallel Data Inputs or Three-State Parallel Out-
puts
Q0, Q7
Serial Outputs
MR
OE1
R
6, 13
I01
I03
I04
I05
I06
DS7
Q7
I07
I02
3, 4D
12, 13
2, 4D
Z12
3, 4D
Z6
I00
5, 13
3, 4D
1, 4D
DS0
Z5
Q0
OE2
&
S0
S1
CP
SRG8
3EN13
0
1
C4/1
/2
M
0
3
(9)
(2)
(3)
(19)
(12)
(1)
(6)
(14)
(5)
(4)
(16)
(15)
(18)
(17)
(8)
(11)
(7)
(13)


Similar Part No. - UT54ACS299E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
logo
List of Unclassifed Man...
UT54ACS244 ETC-UT54ACS244 Datasheet
38Kb / 6P
Radiation-Hardened Octal Buffers & Line Drivers, Three-State Outputs
logo
Aeroflex Circuit Techno...
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS244E AEROFLEX-UT54ACS244E Datasheet
110Kb / 8P
Octal Buffers and Line Drivers
More results

Similar Description - UT54ACS299E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
3-STATE 8-Bit Universal Shift/Storage Register
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Renesas Technology Corp
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Texas Instruments
SN74F323 TI1-SN74F323 Datasheet
130Kb / 8P
8-BIT UNIVERSAL SHIFT-STORAGE REGISTER WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com