Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS299E Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AC ELECTRICAL CHARACTERISTICS1 (5 Volt Operation)
(VDD = 5v 10%, -55C < TC < +125C)
Notes:
1. All specifications valid for radiation dose
 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. Verified by at speed functional test.
SYMBOL
PARAMETER
MIN
MAX
UNIT
tPLH1
Propagation delay CP to Q0 or Q7 (shift left or right)
4
8
ns
tPHL1
Propagation delay CP to Q0 or Q7 (shift left or right)
4
8
ns
tPLH2
Propagation delay CP to IOn
4.5
9
ns
tPHL2
Propagation delay CP to IOn
4.5
9
ns
tPHL3
Propagation delay MR to Q0 or Q7
59
ns
tPHL4
Propagation delay MR to IOn
5.5
11
ns
tPZL
Output enable time OE to IOn
3
7
ns
tPZH
Output enable time OE to IOn
3
7
ns
tPLZ
Output disable time OE to IOn
3
6
ns
tPHZ
Output disable time OE to IOn
3
6
ns
tW1
2
Pulse width CP
5
ns
tW2
2
Pulse width MR
5ns
tS1
Setup time; high or low; Sn to CP
2
ns
tH1
Hold time; high or low; Sn to CP
0.5
ns
tS2
Setup time; high or low; DSn to CP
1
ns
tH2
Hold time; high or low; DSn to CP
.5
ns
tS3
Setup time; high or low; IOn to CP
1
ns
tH3
Hold time; high or low; IOn to CP
0.5
ns
tREC
Recovery time MR to CP
0.5
ns
fMAX
2
Maximum frequency CP
90
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com