Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS299E Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT54ACS299E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AC ELECTRICAL CHARACTERISTICS1 (3.3 Volt Operation)
(VDD = 3.3V 0.3V, -55C < TC < +125C)
Notes:
1. All specifications valid for radiation dose
 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. Verified by at speed functional test.
SYMBOL
PARAMETER
MIN
MAX
UNIT
tPLH1
Propagation delay CP to Q0 or Q7 (shift left or right)
4.5
10.5
ns
tPHL1
Propagation delay CP to Q0 or Q7 (shift left or right)
4.5
10.5
ns
tPLH2
Propagation delay CP to IOn
5
14
ns
tPHL2
Propagation delay CP to IOn
5
14
ns
tPHL3
Propagation delay MR to Q0 or Q7
6
11
ns
tPHL4
Propagation delay MR to IOn
7
15.5
ns
tPZL
Output enable time OE to IOn
4
10.5
ns
tPZH
Output enable time OE to IOn
4
10.5
ns
tPLZ
Output disable time OE to IOn
3
6.5
ns
tPHZ
Output disable time OE to IOn
3
6.5
ns
tW1
2
Pulse width CP
5.5
ns
tW2
2
Pulse width MR
5.5
ns
tS1
Setup time; high or low; Sn to CP
3
ns
tH1
Hold time; high or low; Sn to CP
0.5
ns
tS2
Setup time; high or low; DSn to CP
1
ns
tH2
Hold time; high or low; DSn to CP
0.5
ns
tS3
Setup time; high or low; IOn to CP
1.5
ns
tH3
Hold time; high or low; IOn to CP
0.5
ns
tREC
Recovery time MR to CP
1
ns
fMAX
2
Maximum frequency CP
70
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com