Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS299E Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT54ACS299E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
tPLZ
tPZH
tPZL
tPHZ
OEn
3V Output
Normally Low
Enable Disable Times
3V Output
Normally High
VDD
VDD/2
0V
VDD/2
VDD/2
.8VDD
.2VDD
VDD/2+0.2
VDD/2-0.2
.2VDD + .2V
.8VDD - .2V
Propagation Delay
CP
Output
tPHL1,2
tPLH1,2
VOH
VOL
VDD/2
VDD
VDD/2
0V
Setup and Hold Measurements
Sn or DSn or IOn
VDD
VDD/2
0.0V
CP Input
VDD
VDD/2
0.0V
tS1,2,3
tH1,2,3
tW1
tW2
tREC
MR
tPHL3
tPHL4
Data Outputs
Q0, Q7, IO<0:7>
VDD
VDD/2
0.0V
VOH
VDD/2
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com