Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS33P Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 2Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 3Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 4Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 5Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
OPERATIONAL ENVIRONMENT
Notes:
1. Using MIL-STD-883, TM1019, Condition A.
2. Worst case temperature and voltage of Tc = +125oC, VDD = 3.6V.
ABSOLUTE MAXIMUM RATINGS 1
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
LIMIT
UNITS
Total Ionizing Dose (TID)1
300
krad(Si)
Single Event Latchup Immune (SEL)2
<110
MeV-cm2/mg
Single Event Transient Immune (SET)
<109
MeV-cm2/mg
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
Positive supply voltage
4.8
V
VIO
Voltage on any I/O pin
-0.3 to VDD + 0.3V
V
IIO
DC I/O current
+10
mA
PD
Power dissipation
1.0
W
JC
Thermal resistance, junction to case
16
oC/W
TLEAD
Lead temperature (soldering 10 seconds)
300
oC
TJ
Maximum junction temperature
+175
C
TSTOR
Storage temperature
-65 to +150
C
VESD
ESDHBM
1000
V
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
Positive supply voltage
3.0 to 3.6
V
VSS
Negative supply voltage
0.0
V
TC
Case temperature range
-55 to +125
C
VIN
Analog inputs
Digital inputs
0.6 to 3.6
VSS to VDD
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com