Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS33P Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 12Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 13Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 14Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 15Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 16Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 17Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Note:
1. Effect of INV on VOUT (TOL = x and OVSH = 0), ENx and VINx refer to the corresponding output.
Notes:
1. Effect of INV on Vout (TOL= x and OVSH=1). ENx/ENy refers to EN1 and EN3 or EN2 and EN4, respectively. VINx/VINy refers to VIN1 and VIN3 or VIN2
and VIN4, respectively. Note: Vout3/Vout4 are not used in this mode.
2. Having all four enables low is an invalid state for the device operation. This state will not cause any harm to the device or system, but operation may not be as expected.
3. For OVSH=1, VTH _OVRV is the threshold which is set with external resistors to either the VIN3 or VIN4 input to monitor an over-voltage condition in conjunction
with the under-voltage monitor by VIN1 or VIN2, respectively, as shown in Figure 8 and Figure 9.
Note: Refer to the section, "Thresholds/Over-Voltage Setting/Tolerance" for information regarding the adjustable threshold.
Table 1A. Logic Levels for Digital Outputs with Corresponding Digital and Analog Inputs, OVSH=0
ENx
INV
VINx
VOUT1-2
VOUT3-4
0
0
VINx<VTH_VIN
0
0
1
0
VINx<VTH_VIN
0
0
0
0
VINx>VT_VIN
0
0
1
0
VINx>VTH_VIN
1
1
0
1
VINx<VTH_VIN
0
1
1
1
VINx<VTH_VIN
0
1
0
1
VINx>VTH_VIN
0
1
1
1
VINx>VTH_VIN
1
0
Table 1B. Logic Levels for Digital Outputs with Corresponding Digital and Analog Inputs, OVSH=1
ENx/ENy
INV
VINx/VINy
VOUT1-2
VOUT3-4
0
0
Any VINx and VINy
0
0
1
0
VINx<VTH or VINy>VTH _OVRV
0
0
0
0
Any VINxand VINy
0
0
1
0
VTH <VINx and VINy <VTH _OVRV
1
0
0
1
Any VINx and VINy
0
1
1
1
VINx<VTH or VINy>VTH _OVRV
0
1
0
1
Any VINx and VINy
0
1
1
1
VTH <VINx and VINy<VTH _OVRV
1
1
Table 2. Quad Input Voltage Threshold Selections
TH1
TH0
VIN1
VIN2
VIN3
VIN4
0
0
3.3
2.5
1.8
1.5
0
1
3.3
1.8
1.5
1.2
1
0
3.3
1.5
1.2
1.0
1
1
ADJ
ADJ
ADJ
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com