Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS33P Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 12Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 13Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FUNCTIONAL DESCRIPTIONS
Voltage Inputs
Monitoring of supply levels is done at the VINx pins. Based on
the mode of operation (TH0, TH1, OVSH state), the monitored
voltage is connected directly to the pin or via a resistive divider.
These connections are described further in the Determining a
Channel Detection Threshold section.
RESETS
The (RESET and RESETB) outputs respond to changes in the
state of the enabled channels (either an ENx signal going to the
enabled state or a VOUTx signal, of an enabled channel, chang-
ing state) and to changes in the master, MRB pin. Timing val-
ues are given in the AC Characteristics table and in Figures 4,5
and 6. These pins are digital output open drain having an active
pull-down device, with drive information given in the DC
Characteristics table.
Outputs
The VOUTx pins indicate the state of the corresponding supply
monitor input source. When the input level is in a valid region,
based on the mode and threshold settings, the VOUTx pin is in
the logic 1 state. If the channel is disabled or the input level is
invalid, the VOUTx pin is in the logic 0 state. In addition, when
in over-voltage detect mode (OVSH=1), VOUT3 and VOUT4
are inactive. The INV function, when set to logic 1, inverts the
sense of the VOUT3 and VOUT4 pins. There are several timing
parameters associated with the state transitions which are de-
scribed in the Determining a Channel Detection Threshold sec-
tion. Values for drive and timing are in the DC and AC
Characteristics tables.
Thresholds/Over-Voltage Setting/Tolerance
Thresholds are determined by several pin settings, TH0, TH1,
OVSH and TOL. The variations in operation and setup of the
channel inputs, including external components, are described
below. The setting of the OVSH pin determines the threshold
detection mode for the four channels. When logic 0, all four
channels sense when the corresponding input falls below the as-
sociated threshold, the under-voltage condition (see Determin-
ing a Channel Detection Threshold). In this mode when the
signal level falls below the threshold, the corresponding VOUT
is switched to logic 0, after a fixed time delay. When the signal
returns to a level above the threshold and after the default or
user defined delay, (see the CDLY timing section), the VOUT
output is switched to the logic 1 state, indicating a valid level
(see Figure 6).
For the mode when OVSH is logic 1, over- and under-voltage
detection, the input threshold for channels 1 and 2 are handled
in the same fashion as for the previously described mode. In this
mode, the channel 3 and 4 inputs are checked for an over-volt-
age condition in conjunction with the voltage monitored on
channel 1 and channel 2, respectively. Also, threshold levels are
determined differently, see the section on Determining a Chan-
nel Detection Threshold and Tables 1A and 1B. The under-
voltage condition from channel 1 and the over-voltage condi-
tion detected by channel 3 are combined to indicate the occur-
rence of either condition at the channel 1 output. Likewise,
conditions for channel 2 and 4 are combined and indicated at
the channel 2 output. Note: When OVSH is logic 1, disabling
channel 1 or 3 forces VOUT1 to logic 0. The same is true for
VOUT2, with respect to the enables for channels 2 and 4. How-
ever, only CDLY1 and CDLY2, respectively, are utilized for
output timing.
Determining Channel Detection Threshold
For the case of under-voltage sensing utilizing the preset
thresholds (TH1 and TH0 both not being logic 1), the actual
threshold is based on the nominal threshold levels as shown in
Table 2. The actual threshold voltage, accounting for tolerance,
based on the TOL pin setting and circuit variations, is given by
the following equation (values also listed in the DC Character-
istics table):
Vth_actual(nom) =
Vthresh_nominal * [1 - 5% *(1 + TOL) - 2.5%]
where Vthresh-nominal is given in Table 2, TOL is 0 when log-
ic 0 and 1 when logic 1, and 2.5% accounts for circuit varianc-
es.
For adjustable under-voltage thresholds, when TH0 = TH1 =
logic 1, and over-voltage sensing on the channel 3 and 4 inputs
when OVSH = logic 1, the over-voltage (Vth_adj-overV)
thresholds are determined by user-implemented resistive divid-
ers placed at the input to the given channel. These threshold lev-
els are determined by the following equation:
Vth_adj-overV = [(RT + RB)/RB +/- 2.5%] * VRFTH
where RT is the top resistor of the divider and RB is the lower
resistor tied to VSS, 2.5% accounts for circuit variances and
VRFTH is an internally-generated reference voltage with value
as given in the DC Characteristics table. Note: The TOL pin
function is not applicable in these modes. In addition to the
2.5% added to account for circuit variations, the user should
consider resistor and supply variation tolerances when calculat-
ing the values for the resistive divider. Other considerations for
the choice of resistor values are power consumption and time
delay impact. The nominal capacitance of the input channel is
given in the DC Characteristics table.
Note: The maximum level at any analog channel input is limit-
ed to 3.6V. This limits the maximum voltage level of the mon-
itored signal. When the device is placed in the adjustable
threshold state (TH0 = TH1 = logic 1) utilizing an external re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com