Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS33P Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 5Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 12Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AC CHARACTERISTICS READ CYCLE (Post-Radiation)*
(VDD = 3.0V to 3.6V; -55C < TC < +125C)
Notes:
*Post-radiation performance guaranteed at 25oC per MIL-STD-883 Method 1019 at 300 krad(Si).
1. Guaranteed by design but not tested
.
Figure 3: Test Circuit Load used for AC timing
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
tDELAY+
1
VIN+ to VOUT propagation delay
VIN rising, CDLY open
11
60
s
tDELAY+
VIN+ to VOUT propagation delay
VIN rising, Cdly capacitance value on
CDLYx=112pF (Figure 3, Test
Circuit Load)
81
263
s
tDELAY-
VIN- to VOUT propagation delay
VIN falling
40
s
tRP
1
Reset timeout period
CRESET open
37
170
s
tRP
Reset timeout period
Creset capacitance value on CRESET
=65pF (Figure 3, Test Circuit Load)
100
283
s
tON
1
EN+ to VOUT propagation delay
EN rising to VOUT going high
CDLY open
11
60
s
tON
EN+ to VOUT propagation delay
EN rising to VOUT going high, Cdly
capacitance value on CDLYx=112PF
(Figure 3, Test Circuit Load)
81
263
s
tOFF
EN- to VOUT propagation delay
EN falling to VOUT deasserted
4
s
tMRST
MRB- to RESET/RESETB
propagation delay
MRB falling to RESET/RESETB
asserted
5
s
tMPW
Minimum MRB Input pulse width
2.5
s
tMRP
MRB+ to RESET/RESETB
propagation delay
MRB rising to RESET/RESETB
deasserted
3
s
tRST_DELAY
VINx- to RESET/RESETB asserted
VIN falling
40
s
tGLITCH
ENx or MRB glitch rejection
270
ns
tGLITCH_VINx
1
VINx glitch rejection
800
ns
Zo = 50-ohms
VDD
CL
Test
Point
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com