Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS33P Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 3Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 4Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 5Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
DC ELECTRICAL CHARACTERISTICS 1,2
(VDD=3.0V to 3.6V; -55C < TC < +125C)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
Power Supply
IDD
VDD supply current
All VOUTX high
1250
A
Digital Inputs and Outputs
VIL
Digital input low
-0.3
0.3*VDD
V
VIH
Digital input high
0.7*VDD
VDD+0.3
V
VILMRB
MRB Digital input low
-0.3
0.8
V
VIHMRB
MRB Digital input high
2.0
VDD+0.3
V
VHYSTMRB
MRB Input voltage hysteresis
60
mV
IMRB
MRB pull-up current
MRB=0V
VDD=3.6V for Max IMRB
225
A
VOL
Open drain digital output low
VDD =3.6V I sink=1mA
0.3
V
ICH_RESET
3
Charge current CRESET
VDD =3.0V
0.35
1.25
A
IOZL
Digital output leakage current low
-1
1
A
IOZH
Digital output leakage current high
-1
1
A
IIL
Digital input leakage current low
-1
1
A
IIH
Digital input leakage current high
-1
1
A
ICH_CDLY
3
Charge current CDLY
VDD=3.0V
0.55
1.90
A
VTH_CDLY
3
Threshold CDLYx
CDLY rising
1.17
1.23
V
VTH_CRESET
3
Threshold CRESET
CRESET rising
1.17
1.23
V
VRFTH
3
Reference threshold voltage
585
615
mV
Analog Inputs
VTH_VIN
Analog threshold under-voltage
case
3.3V threshold, TOL= 0
3.3V threshold, TOL= 1
2.5V threshold, TOL= 0
2.5V threshold, TOL= 1
1.8V threshold, TOL= 0
1.8V threshold, TOL= 1
1.5V threshold, TOL= 0
1.5V threshold, TOL= 1
1.2V threshold, TOL= 0
1.2V threshold, TOL= 1
1.0V threshold, TOL= 0
1.0V threshold, TOL= 1
2.97
2.805
2.25
2.125
1.620
1.530
1.350
1.275
1.080
1.020
0.90
0.85
3.135
2.970
2.375
2.250
1.710
1.620
1.425
1.350
1.140
1.080
0.950
0.915
V
V
V
V
V
V
V
V
V
V
V
V
CVINX
3
VINx input capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com