Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 4 Page - Texas Instruments

  LM2776DBVR Datasheet HTML 1Page - Texas Instruments LM2776DBVR Datasheet HTML 2Page - Texas Instruments LM2776DBVR Datasheet HTML 3Page - Texas Instruments LM2776DBVR Datasheet HTML 4Page - Texas Instruments LM2776DBVR Datasheet HTML 5Page - Texas Instruments LM2776DBVR Datasheet HTML 6Page - Texas Instruments LM2776DBVR Datasheet HTML 7Page - Texas Instruments LM2776DBVR Datasheet HTML 8Page - Texas Instruments LM2776DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LM2776
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA) / RθJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and RθJA is the junction-to-ambient thermal resistance of the specified package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage (VIN to GND, or GND to VOUT)
6
V
EN
(GND
− 0.3)
(VIN + 0.3)
V
VOUT continuous output current
250
mA
Operating junction temperature, TJMax
(3)
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Junction temperature
–40
125
°C
Ambient temperature
–40
85
°C
Input voltage
2.7
5.5
V
Output current
0
200
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM2776
UNIT
DBV (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
187
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
158.2
°C/W
RθJB
Junction-to-board thermal resistance
33.3
°C/W
ψJT
Junction-to-top characterization parameter
37.8
°C/W
ψJB
Junction-to-board characterization parameter
32.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com