Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2776DBVR Datasheet HTML 3Page - Texas Instruments LM2776DBVR Datasheet HTML 4Page - Texas Instruments LM2776DBVR Datasheet HTML 5Page - Texas Instruments LM2776DBVR Datasheet HTML 6Page - Texas Instruments LM2776DBVR Datasheet HTML 7Page - Texas Instruments LM2776DBVR Datasheet HTML 8Page - Texas Instruments LM2776DBVR Datasheet HTML 9Page - Texas Instruments LM2776DBVR Datasheet HTML 10Page - Texas Instruments LM2776DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IOUT (A)
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3.0
-2.9
-2.8
-2.7
-2.6
-2.5
10P
100P
1m
10m
100m
D010
TA = -40°C
TA = 25°C
TA = 85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
D011
TA = -40°C
TA = 25°C
TA = 85°C
7
LM2776
www.ti.com
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
(Typical Application circuit, VIN = 3.6 V unless otherwise specified.)
VIN = 3.6 V
Figure 9. Output Voltage vs Output Current
IOUT = 150 mA
Figure 10. Frequency vs Input Voltage
IOUT = 0 mA
VIN = 5.5 V
Figure 11. Unloaded Output Voltage Ripple
IOUT = 200 mA
VIN = 5.5 V
Figure 12. Loaded Output Voltage Ripple
EN = 1
VIN = 5.5 V
IOUT = 100 mA
Figure 13. EN High
EN = 0
VIN = 5.5 V
IOUT = 100 mA
Figure 14. EN Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com