Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2776DBVR Datasheet HTML 9Page - Texas Instruments LM2776DBVR Datasheet HTML 10Page - Texas Instruments LM2776DBVR Datasheet HTML 11Page - Texas Instruments LM2776DBVR Datasheet HTML 12Page - Texas Instruments LM2776DBVR Datasheet HTML 13Page - Texas Instruments LM2776DBVR Datasheet HTML 14Page - Texas Instruments LM2776DBVR Datasheet HTML 15Page - Texas Instruments LM2776DBVR Datasheet HTML 16Page - Texas Instruments LM2776DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
LM2776
www.ti.com
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.2.2 Power Dissipation
LM2776 power dissipation (PD) is calculated simply by subtracting output power from input power:
PD = PIN – POUT = [VIN × (–IOUT + IQ)] – [VOUT × IOUT]
(3)
Power dissipation increases with increased input voltage and output current. Internal power dissipation self-heats
the device. Dissipating this amount power/heat so the LM2776 does not overheat is a demanding thermal
requirement for a small surface-mount package. When soldered to a PCB with layout conducive to power
dissipation, the thermal properties of the SOT package enable this power to be dissipated from the LM2776 with
little or no derating, even when the circuit is placed in elevated ambient temperatures when the output current is
200 mA or less.
8.2.2.3 Capacitor Selection
The LM2776 requires 3 external capacitors for proper operation. TI recommends urface-mount multi-layer
ceramic capacitors. These capacitors are small, inexpensive, and have very low ESR (
≤ 15 mΩ typical).
Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors generally are not recommended
for use with the LM2776 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or X5R temperature characteristic are preferred for use
with the LM2776. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over –55ºC to 125°C; X5R: ±15% over –55°C to 85°C).
Capacitors with a Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM2776. These types of capacitors typically have wide capacitance tolerance (80%, …20%) and vary
significantly over temperature (Y5V: 22%, –82% over –30°C to 85°C range; Z5U: 22%, –56% over 10°C to 85°C
range). Under some conditions, a 1-µF-rated Y5V or Z5U capacitor could have a capacitance as low as 0.1 µF.
Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum capacitance
requirements of the LM2776.
Net capacitance of a ceramic capacitor decreases with increased DC bias. This degradation can result in lower
capacitance than expected on the input and/or output, resulting in higher ripple voltages and currents. Using
capacitors at DC bias voltages significantly below the capacitor voltage rating usually minimizes DC bias effects.
Consult capacitor manufacturers for information on capacitor DC bias characteristics.
Capacitance characteristics can vary quite dramatically with different application conditions, capacitor types, and
capacitor manufacturers. It is strongly recommended that the LM2776 circuit be thoroughly evaluated early in the
design-in process with the mass-production capacitors of choice. This helps ensure that any such variability in
capacitance does not negatively impact circuit performance.
The voltage rating of the output capacitor must be 10 V or more. For example, a 10-V 0603 1-µF is acceptable
for use with the LM2776, as long as the capacitance does not fall below a minimum of 0.5 µF in the intended
application. All other capacitors must have a voltage rating at or above the maximum input voltage of the
application. Select the capacitors such that the capacitance on the input does not fall below 0.7 µF, and the
capacitance of the flying capacitor does not fall below 0.2 µF.
8.2.2.4 Output Capacitor and Output Voltage Ripple
The peak-to-peak output voltage ripple is determined by the oscillator frequency, the capacitance and ESR of the
output capacitor COUT:
VRIPPLE = [(2 × ILOAD) / (ƒSW × COUT)] + (2 × ILOAD × ESRCOUT)
(4)
In typical applications, a 1-µF low-ESR ceramic output capacitor is recommended. Different output capacitance
values can be used to reduce ripple shrink the solution size, and/or cut the cost of the solution. But changing the
output capacitor may also require changing the flying capacitor and/or input capacitor to maintain good overall
circuit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com