Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2776DBVR Datasheet HTML 10Page - Texas Instruments LM2776DBVR Datasheet HTML 11Page - Texas Instruments LM2776DBVR Datasheet HTML 12Page - Texas Instruments LM2776DBVR Datasheet HTML 13Page - Texas Instruments LM2776DBVR Datasheet HTML 14Page - Texas Instruments LM2776DBVR Datasheet HTML 15Page - Texas Instruments LM2776DBVR Datasheet HTML 16Page - Texas Instruments LM2776DBVR Datasheet HTML 17Page - Texas Instruments LM2776DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
LM2776
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
NOTE
In high-current applications, TI recommends a 10-µF, 10-V low-ESR ceramic output
capacitor. If a small output capacitor is used, the output ripple can become large during
the transition between PFM mode and constant switching. To prevent toggling, a 2-µF
capacitance is recommended. For example, a 10- µF, 10-V output capacitor in a 0402
case size typically only has 2-µF capacitance when biased to 5 V.
High ESR in the output capacitor increases output voltage ripple. If a ceramic capacitor is used at the output, this
is usually not a concern because the ESR of a ceramic capacitor is typically very low and has only a minimal
impact on ripple magnitudes. If a different capacitor type with higher ESR is used (tantalum, for example), the
ESR could result in high ripple. To eliminate this effect, the net output ESR can be significantly reduced by
placing a low-ESR ceramic capacitor in parallel with the primary output capacitor. The low ESR of the ceramic
capacitor is in parallel with the higher ESR, resulting in a low net ESR based on the principles of parallel
resistance reduction.
8.2.2.5 Input Capacitor
The input capacitor (CIN) is a reservoir of charge that aids a quick transfer of charge from the supply to the flying
capacitors during the charge phase of operation. The input capacitor helps to keep the input voltage from
drooping at the start of the charge phase when the flying capacitors are connected to the input. It also filters
noise on the input pin, keeping this noise out of sensitive internal analog circuitry that is biased off the input line.
Much like the relationship between the output capacitance and output voltage ripple, input capacitance has a
dominant and first-order effect on input ripple magnitude. Increasing (decreasing) the input capacitance results in
a proportional decrease (increase) in input voltage ripple. Input voltage, output current, and flying capacitance
also affects input ripple levels to some degree.
In typical applications, a 1-µF low-ESR ceramic capacitor is recommended on the input. When operating near the
maximum load of 200 mA, a minimum recommended input capacitance after taking into the DC-bias derating is 2
µF or larger. Different input capacitance values can be used to reduce ripple, shrink the solution size, and/or cut
the cost of the solution.
8.2.2.6 Flying Capacitor
The flying capacitor (C1) transfers charge from the input to the output. Flying capacitance can impact both output
current capability and ripple magnitudes. If flying capacitance is too small, the LM2776 may not be able to
regulate the output voltage when load currents are high. On the other hand, if the flying capacitance is too large,
the flying capacitor might overwhelm the input and output capacitors, resulting in increased input and output
ripple.
In typical high-current applications, TI recommends 0.47-µF or 1-µF 10 V low-ESR ceramic capacitors for the
flying capacitors. Polarized capacitors (tantalum, aluminum electrolytic, etc.) must not be used for the flying
capacitor, as they could become reverse-biased during LM2776 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com