Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2776DBVR Datasheet HTML 11Page - Texas Instruments LM2776DBVR Datasheet HTML 12Page - Texas Instruments LM2776DBVR Datasheet HTML 13Page - Texas Instruments LM2776DBVR Datasheet HTML 14Page - Texas Instruments LM2776DBVR Datasheet HTML 15Page - Texas Instruments LM2776DBVR Datasheet HTML 16Page - Texas Instruments LM2776DBVR Datasheet HTML 17Page - Texas Instruments LM2776DBVR Datasheet HTML 18Page - Texas Instruments LM2776DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
To Supply
VOUT
GND
LM2776
To GND Plane
To Load
C1-
C1+
EN
VIN
C1
COUT
CIN
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
D005
TA = -40°C
TA = 25°C
TA = 85°C
15
LM2776
www.ti.com
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.3 Application Curve
Figure 20. Output Impedance vs Input Voltage
9 Power Supply Recommendations
The LM2776 is designed to operate from an input voltage supply range from 2.7 V to 5.5 V. This input supply
must be well regulated and capable to supply the required input current. If the input supply is located far from the
LM2776 additional bulk capacitance may be required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
The high switching frequency and large switching currents of the LM2776 make the choice of layout important.
Use the following steps as a reference to ensure the device is stable and maintains proper LED current
regulation across its intended operating voltage and current range:
•
Place CIN on the top layer (same layer as the LM2776) and as close to the device as possible. Connecting
the input capacitor through short, wide traces to both the VIN and GND pins reduces the inductive voltage
spikes that occur during switching which can corrupt the VIN line.
•
Place COUT on the top layer (same layer as the LM2776) and as close to the VOUT and GND pins as
possible. The returns for both CIN and COUT must come together at one point, as close to the GND pin as
possible. Connecting COUT through short, wide traces reduce the series inductance on the VOUT and GND
pins that can corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding
circuitry.
•
Place C1 on the top layer (same layer as the LM2776) and as close to the device as possible. Connect the
flying capacitor through short, wide traces to both the C1+ and C1– pins.
10.2 Layout Example
Figure 21. LM2776 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com