Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08035 Datasheet(PDF) 46 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 46 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
46
080x5-DSH-001
Register Address: 16h
Default:
20h
Register Name:
Reclocker BW Control
Description:
Controls bandwidth of Reclocker
Register Address: 18h
Default:
00h
Register Name:
SD/xHD Algorithm Control
Description:
Controls SD/xHD output of Reclocker
5.1.3
Checksum for Memory Interface Configuration
Register Address: 1Ah
Default:
55h
Register Name:
Checksum
Description:
Checksum value to be added to sum of reg 00h to 19h contents
5.1.4
Status/Monitoring
Register Address: 80h
Default:
00h
Register Name:
Reset
Description:
Does Master Reset on Device
Bit
Bit Description
Default
R/W
7
Reserved
0b
R/W
6:4
000b: Reserved (do not use)
001b: 0.5 x Nominal LBW
010b: 1 x Nominal LBW
011b: 4 x Nominal LBW
100b: 2 x Nominal LBW
101b: 3 x Nominal LBW
110b: 1.5 x Nominal LBW
111b: 0.875 x Nominal LBW
010b
R/W
3:0
Reserved
0000b
R/W
Bit
Bit Description
Default
R/W
7:6
Reserved
00b
R/W
5
0b: SD/xHD output conforms to case 1, Table 4-11
1b SD/xHD output conforms to case 2, Table 4-11
0b
R/W
4:0
Reserved
00000b
R/W
Bit
Bit Description
Default
R/W
7:0
Checksum value
01010101b
R/W
Bit
Bit Description
Default
R/W
7:0
00h: Normal Operation
AAh: Master Reset
00000000b
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com