Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08035 Datasheet(PDF) 30 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 30 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
30
080x5-DSH-001
Figure 4-8 illustrates typical waveforms and timing seen at SCL and SDA for a read and write operation.
Figure 4-8.
Two-wire Interface Timing Diagram
Table 4-8.
Two-wire Interface Timing Specifications (Standard Mode or Fast Mode)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
fSCL
Clock Frequency, SCL
—
—
400
kHz
tLOW
Clock Pulse Width Low
1.3
—
—
µs
tHIGH
Clock Pulse Width High
1
—
—
µs
tAA
Clock Low to Data Out Valid
0.05
—
0.9
µs
tHDSTA
Start Hold Time
200
—
—
ns
tSUSTA
Start Set-up Time
200
—
—
ns
tHDDAT
Data In Hold Time
0
—
—
ns
tSUDAT
Data In Set-up Time
100
—
—
ns
tSUSTO
Stop Set-up Time
200
—
—
ns
tDH
Data Out Hold Time
50
—
—
ns
Notes:
500 pF @ 100 kHz and 250 pF @ 400 kHz with 1k
Ω pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com