Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08035 Datasheet(PDF) 37 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 37 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
37
080x5-DSH-001
Note: In order to simplify the diagrams, AVDDI, AVDDO, and DVDDIO are shown to be shorted together. In practice,
they may all be separated and connected to different supply domains if desired.
AVDDO is sensitive to noise and therefore should be filtered through a ferrite bead, with a 10 nF ceramic capacitor
adjacent to each AVDDO pin. Since this core can take a current in the order of 500 mA, the ferrite bead should be
very low resistance to ensure the drop across it is minimal.
Figure 4-12.
AVDDI, AVDDO, and DVDDIO Connected to a Supply at 1.8 V or 3.3 V. Internal Regulator
Generates On-Chip 1.2 V
1.8V-3.3V
AVDDI
AVDDO
DVDDIO
xREG_EN
AVDDCORE
DVDDCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com