Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08035 Datasheet(PDF) 41 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 41 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
41
080x5-DSH-001
Register Address: 03h
Default:
00h
Register Name:
Input EQ Config 3
Description:
Select input equalization level, input 3
Register Address: 04h
Default:
00h
Register Name:
Input Polarity Flip 0
Description:
Setting to a '1' inverts associated input, inputs 0 to 1
Register Address: 05h
Default:
00h
Register Name:
Input Polarity Flip 1
Description:
Setting to a '1' inverts associated input, inputs 2 to 3
Bit
Bit Description
Default
R/W
7:6
Reserved
00b
R/W
5:4
Reserved
00b
R/W
3:2
00b: SDI3, input equalization disabled
01b: SDI3, Small input equalization level
10b: SDI3, Medium input equalization level
11b: SDI3, Large input equalization level
00b
R/W
1:0
Reserved
00b
R/W
Bit
Bit Description
Default
R/W
7
Reserved
0b
R/W
6
Reserved
0b
R/W
5
0b: SDI1, Input normal
1b: SDI1, Input inverted
0b
R/W
4
Reserved
0b
R/W
3
Reserved
0b
R/W
2
0b: SDI0, Input normal
1b: SDI0, Input inverted
0b
R/W
1
Reserved
0b
R/W
0
Reserved
0b
R/W
Bit
Bit Description
Default
R/W
7
Reserved
0b
R/W
6
Reserved
0b
R/W
5
0b: SDI3, Input normal
1b: SDI3, Input inverted
0b
R/W
4
Reserved
0b
R/W
3
Reserved
0b
R/W
2
Reserved
0b
R/W
1
0b: SDI2, Input normal
1b: SDI2, Input inverted
0b
R/W
0
Reserved
0b
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com