Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08035 Datasheet(PDF) 26 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 26 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
26
080x5-DSH-001
Figure 4-6 illustrates a Serial Write Mode followed by a Serial Read mode. To initiate a Write sequence, xCS goes
low before the falling edge of SCLK. On each falling edge of the clock, the 18 bits consisting of the SB = 1, OP = 0,
ADDR, and DATA, are latched into the input shift register through SI. The rising edge of xCS may occur before or
after the falling edge of SCLK for the last bit. Upon receipt of the last bit, one additional cycle of SCLK is necessary
before DATA transfers from the input shift register to the addressed register.
To initiate a read sequence, xCS goes low before the falling edge of SCLK. On each falling edge of SCLK, the 10
bits consisting of SB = 1, OP = 1, and the 8-bit ADDR are written to the serial input shift register and copied to the
serial output shift register. On the next rising edge after the address LSB, the SB and 8 bits of the DATA are shifted
out. The SB for a Read is always 1.
The 4-wire interface supports multiple consecutive writes. In this case, the address header is not needed and each
additional 8 bits of data will be written into consecutive addresses. If consecutive read/write cycles are being
performed, it is not necessary to insert an extra clock cycle between read/write cycles, however one extra clock
cycle is needed after the last data bit of the last read/write cycle.
Figure 4-5.
Four-wire Interface Word Format
Figure 4-6.
Four-Wire Write Followed by a Read Sequence
SCLK
xCS
1
SI
SO
2
3
...
10
11
...
17
18
19
20
Address[7:0]
Data[7:0]
W
21
22
23
...
31
Tcs
Tdh
Tds
1
R
1
Address[7:0]
32
D7
Dx
D1
D0
33
...
41
Tcs
Tch
Tcs
Trdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com