Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5171 Datasheet(PDF) 8 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 8 Page - ams AG

Back Button AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Absolute Maximum R atings
TAMB = -40°C to 150°C, VDD = 4.5V to 5.5V, unless otherwise
noted.
Two-pole cylindrical diametrically magnetized source:
Figure 10:
Magnetic Characteristics
Note(s) and/or Footnote(s):
1. Reference magnet: NdFeB, 6 mm diameter, 2.5 mm thickness
VDDOVTL
VDD overvoltage lower
threshold
5.5
6.0
6.5
V
VDDOH
VDD overvoltage
hysteresis
300
500
900
V
OVDT
VDD overvoltage
detection time
Time devices detects
overvoltage VDD> VDDOVTL
500
1000
2000
μs
OVRT
VDD overvoltage
recovery time
Time device return into normal
mode from failure band VDD <
VDDOVTL
500
1000
2000
μs
TDETWD
WatchDog error
detection time
Time device detects oscillator
failure till output is in failure
band
12
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bz
Orthogonal magnetic
field strength
Required orthogonal
component of the magnetic
field strength measured at the
package surface along a circle
of 1.25 mm
MFER = 0
30
70
mT
BzE
Orthogonal magnetic
field strength – extended
mode
Required orthogonal
component of the magnetic
field strength measured at the
package surface along a circle
of 1.25mm
MFER = 1
10
90
mT
Disp(1)
Displacement radius
Offset between defined
device center and magnet
axis. Dependent on the
selected magnet.
0.5
mm
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com