Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5171 Datasheet(PDF) 9 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 9 Page - ams AG

Back Button AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG AS5171 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ams Datasheet
Page 9
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Absolute Maximum Ratings
Figure 11:
Electrical and Timing Characteristics Analog Output (AS5171A)
Note(s) and/or Footnote(s):
1. For each code the ratiometricity error is defined as follows:
VOUTRATE=((VOUTact – (VOUTtyp*(VDDact/ VDDtyp)))/VDDtyp)*100
Where:
- VOUTact is the actual output voltage
- VOUTtyp is the typical output voltage
- VDDact is the actual supply voltage
- VDDtyp is the typical supply voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INLOS
INL output stage
-6
+6
LSB
DNLOS
DNL output stage
-5
+5
LSB
RERR(1)
Ratiometricity error
Between 4% and 96% of VDD
-0.5%
0.5%
VDD
BVPU
Output voltage broken
VDD with pull-up
resistor
Pull-up resistor must be in the
specified range
(see Figure 31)
96
100
%VDD
BGPD
Output voltage broken
ground with pull-down
resistor
Pull-down resistor must be in
the specified range
(see Figure 31)
04
%VDD
OSSCG
Output short-circuit
current GND
OUT = GND
-20
-10
-5
mA
OSSCV
Output short-circuit
current VDD
OUT = VDD
5
10
20
mA
OSSDT
Output short-circuit
detection time
OUT = GND or OUT = VDD
20
200
600
μs
OSSRT
Output short-circuit
recovery time
25
20
ms
OLCH
Output level clamping
high
Output current at OUT pin
-3 mA
96
%VDD
OLCL
Output level clamping
low
Output current at OUT pin
3mA
4%VDD
OSPSR
Output stage positive
step response (driver
only)
From 0 to 90%VDD, measured
at OUT pin, with
RPUOUT = 4.7kΩ,
CLOAD = 1nF, VDD = 5V
250
μs
OSNSR
Output stage negative
step response (driver
only)
From VDD to 10%VDD,
measured at OUT pin, with
RPUOUT = 4.7kΩ,
CLOAD = 1nF, VDD = 5V
250
μs
OSTD
Output stage
temperature drift
of value at mid code, info
parameter not tested in
production
-0.2
0.2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com