Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5171 Datasheet(PDF) 34 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 34 Page - ams AG

Back Button AS5171 Datasheet HTML 30Page - ams AG AS5171 Datasheet HTML 31Page - ams AG AS5171 Datasheet HTML 32Page - ams AG AS5171 Datasheet HTML 33Page - ams AG AS5171 Datasheet HTML 34Page - ams AG AS5171 Datasheet HTML 35Page - ams AG AS5171 Datasheet HTML 36Page - ams AG AS5171 Datasheet HTML 37Page - ams AG AS5171 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Pack age Drawings & Mark ings
Figure 41:
Packaging Outline Drawing (SiP)
Note(s) and/or Footnote(s):
1. All dimensions are nominal are in millimeters.
2. Tolerances shown represent expected values and are to be verified. Tolerances will be guaranteed prior to production release.
3. Ejector pin marks with max. depth 0,1 mm to be expected on the package backside.
Package Drawings & Markings
Green
RoHS
5,31 ±0,15
1,60
1,60
(bottom
cav.
ID)
1,57
2,47
View B
0,60
+
-
0,05
0,15
0,40 ±0,05
0,90 ±0,10
1,10
+
-
0,10
0,20
1,27 BSC
1,75 BSC
2,54 BSC
A
1,90 ±0,15
0,60 ±0,10
2,10 ±0,15
0,60 ±0,10
0,35
+
-
0,10
0,05
R0,30
+
-
0,20
0,30
B
View A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com