Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5171 Datasheet(PDF) 6 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 6 Page - ams AG

Back Button AS5171 Datasheet HTML 2Page - ams AG AS5171 Datasheet HTML 3Page - ams AG AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Absolute Maximum R atings
System Electrical and Timing Characteristics
All in this datasheet defined tolerances for external
components need to be assured over the whole operation
conditions range and also over lifetime.
Overall condition: TAMB = -40°C to 150°C, VDD=4.5V to 5.5V;
Components spec; unless otherwise noted
Figure 7:
Operating Conditions
TAMB= -40°C to 150°C, VDD = 4.5 – 5.5V (5Voperation),
Magnetic Characterization; unless otherwise noted
TBODY
Package body temperature
260
°C
The reflow peak
soldering temperature
(body temperature) is
specified according to
IPC/JEDEC J-STD-020
“Moisture/Reflow
Sensitivity Classification
for Non-hermetic Solid
State Surface Mount
Devices.” The lead finish
for Pb-free leaded
packages is “Matte Tin”
(100% Sn)
RHNC
Relative humidity
non-condensing
585
%
MSL
Moisture sensitivity level
3
Represents a maximum
floor life time of 168
hours
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Positive supply voltage
4.5
5.0
5.5
V
VREG
Regulated voltage
VDD3V3 should not be loaded
by any external DC current
3.3
3.45
3.6
V
IDD_A
Supply current AS5171A
AGC=255 (no magnet placed);
no output load; no short circiut
412
mA
lDD_B
Supply current AS5171B
AGC=255 (no magnet placed);
no output load; no short circiut
410
mA
ISTART
Supply current at start-up
VREG = 2.25V
2.5
5
10
mA
TSUP
Start-up time
Functional mode
10
ms
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com