Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5171 Datasheet(PDF) 25 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 25 Page - ams AG

Back Button AS5171 Datasheet HTML 21Page - ams AG AS5171 Datasheet HTML 22Page - ams AG AS5171 Datasheet HTML 23Page - ams AG AS5171 Datasheet HTML 24Page - ams AG AS5171 Datasheet HTML 25Page - ams AG AS5171 Datasheet HTML 26Page - ams AG AS5171 Datasheet HTML 27Page - ams AG AS5171 Datasheet HTML 28Page - ams AG AS5171 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ams Datasheet
Page 25
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Register Description
The FBS setting allows selecting the failure band (lower or
upper) when the output goes into diagnostic mode.
Diagnostic Explanations
For a detailed explanation of the diagnostic and the SPFM
please contact the ams application team for magnetic position
sensor.
Analog Read Fail (SM11)
This safety mechanism operates differently for AS5171A
(analog) and AS5171B (digital):
• For AS5171B readout failure: After a falling edge there
must be a rising edge after a defined time.
In case this is not respected output driver is kept in high
impedance. After a certain time this condition is checked
again.
The readout mechanism for AS5171B is defined by PWMRTH
and PWMFTH, which set the maximum timeout period to wait
for a falling/rising before triggering an error condition,
according to the figures below.
Figure 32:
PWMRTH Conditions
SM8
VDD undervoltage
Yes, if the VDD is above the specified
threshold
Hi-z: Failure band related to the
out load
SM9
Broken VDD
Yes
Hi-z: Failure band related to the
out load
SM10
ADC check
No, sensor stays in failure band till the
Sensor is resetting.
Hi-z: Failure band related to the
out load
SM11
Analog read fail
Yes
Hi-z: Failure band related to the
out load
SM12
Short circuit
Yes
Hi-z: Failure band related to the
out load
SM13
Signature
No, sensor stays in failure band till the
sensor is resetting
Hi-z: Failure band related to the
out load
SM14
Broken GND
Yes
Hi-z: Failure band related to the
out load
PWMRTH
Delay (
μs)
0
0
PWM Read Back rise disabled
01
24-28
10
56-60
1
1
112-120
SM
Safety Mechanism
Recoverable
Safe State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com