Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BE Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BE
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BE Datasheet(HTML) 17 Page - Texas Instruments

Back Button CD4053BE Datasheet HTML 13Page - Texas Instruments CD4053BE Datasheet HTML 14Page - Texas Instruments CD4053BE Datasheet HTML 15Page - Texas Instruments CD4053BE Datasheet HTML 16Page - Texas Instruments CD4053BE Datasheet HTML 17Page - Texas Instruments CD4053BE Datasheet HTML 18Page - Texas Instruments CD4053BE Datasheet HTML 19Page - Texas Instruments CD4053BE Datasheet HTML 20Page - Texas Instruments CD4053BE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
11
10
9
6
A
B
C
INH
12
3
5
1
2
13
TG
TG
TG
TG
TG
TG
4
COMMON
OUT/IN
ax
ay
bx
by
cx
cy
8
7
V
V
SS
EE
16 V
IN/OUT
DD
15
14
BINARY TO
1 OF 2
DECODERS
WITH
INHIBIT
LOGIC
LEVEL
CONVERSION
VDD
COMMON
OUT/IN
COMMON
OUT/IN
ax OR ay
bx OR by
cx OR cy
12
11
15
14
0
1
2
3
3
2
1
0
X CHANNELS IN/OUT
Y CHANNELS IN/OUT
BINARY
TO
1 OF 4
DECODER
WITH
INHIBIT
13
3
COMMON Y
OUT/IN
COMMON X
OUT/IN
7
8
16
6
9
10
A
B
INH
V
V
V
SS
EE
DD
TG
TG
TG
TG
TG
TG
TG
TG
4
2
5
1
LOGIC
LEVEL
CONVERSION
CD4051B, CD4052B, CD4053B
www.ti.com
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
Functional Block Diagrams (continued)
All inputs are protected by standard CMOS protection network.
Figure 26. Functional Block Diagram, CD4052B
All inputs are protected by standard CMOS protection network.
Figure 27. Functional Block Diagram, CD4053B
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com