Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BE Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BE
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BE Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD4053BE Datasheet HTML 16Page - Texas Instruments CD4053BE Datasheet HTML 17Page - Texas Instruments CD4053BE Datasheet HTML 18Page - Texas Instruments CD4053BE Datasheet HTML 19Page - Texas Instruments CD4053BE Datasheet HTML 20Page - Texas Instruments CD4053BE Datasheet HTML 21Page - Texas Instruments CD4053BE Datasheet HTML 22Page - Texas Instruments CD4053BE Datasheet HTML 23Page - Texas Instruments CD4053BE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
-6
-4
-2
0
2
4
6
V , INPUT SIGNAL VOLTAGE (V)
IS
-6
-4
-2
0
2
4
6
V
= 5V
DD
V
= 0V
SS
V
= -5V
EE
T = 25 C
A
o
R = 100k , R = 10k
L
L
Ω
Ω
100
Ω
500
Ω
1k
Ω
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For switch time specifications, see propagation delay times in Electrical Characteristics.
–
Inputs should not be pushed more than 0.5 V above VDD or below VEE.
–
For input voltage level specifications for control inputs, see VIH and VIL in Electrical Characteristics.
2. Recommended Output Conditions
–
Outputs should not be pulled above VDD or below VEE.
3. Input/output current consideration: The CD405xB series of parts do not have internal current drive circuitry
and thus cannot sink or source current. Any current will be passed through the device.
9.2.3 Application Curve
Figure 29. ON Characteristics for 1 of 8 Channels
(CD4051B)
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Electrical Characteristics.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF bypass capacitor is recommended. If there are multiple pins labeled VCC, then a 0.01-μF or
0.022-
μF capacitor is recommended for each VCC because the VCC pins will be tied together internally. For
devices with dual supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass
capacitor is recommended for each supply pin. It is acceptable to parallel multiple bypass capacitors to reject
different frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor
should be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to loop antenna theory, but different enough to warrant their own
discussion. When a PCB trace turns a corner at a 90° angle, a reflection can occur. This is primarily due to the
change of width of the trace. At the apex of the turn, the trace width is increased to 1.414 times its width. This
upsets the transmission line characteristics, especially the distributed capacitance and self–inductance of the
trace — resulting in the reflection. It is a given that not all PCB traces can be straight, and so they will have to
turn corners. Figure 30 shows progressively better techniques of rounding corners. Only the last example
maintains constant trace width and minimizes reflections.
20
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com