Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BE
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BE Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4053BE Datasheet HTML 6Page - Texas Instruments CD4053BE Datasheet HTML 7Page - Texas Instruments CD4053BE Datasheet HTML 8Page - Texas Instruments CD4053BE Datasheet HTML 9Page - Texas Instruments CD4053BE Datasheet HTML 10Page - Texas Instruments CD4053BE Datasheet HTML 11Page - Texas Instruments CD4053BE Datasheet HTML 12Page - Texas Instruments CD4053BE Datasheet HTML 13Page - Texas Instruments CD4053BE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
10
10
10
10
5
4
3
V
= 15V
DD
V
= 5V
DD
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
TEST CIRCUIT
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4051
L
f
100Ω
100Ω
B/D
CD4029
VDD
A B C
9
Ι
V
= 10V
DD
-6
-4
-2
0
2
4
6
V , INPUT SIGNAL VOLTAGE (V)
IS
-6
-4
-2
0
2
4
6
V
= 5V
DD
V
= 0V
SS
V
= -5V
EE
T = 25 C
A
o
R = 100k , R = 10k
L
L
Ω
Ω
100
Ω
500
Ω
1k
Ω
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
100
200
300
400
600
500
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 25 C
A
o
15V
10V
V
- V
= 5V
DD
EE
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
V , INPUT SIGNAL VOLTAGE (V)
IS
V
- V
= 15V
DD
EE
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
T = 125 C
A
o
T = -55 C
A
o
T = 25 C
A
o
V
- V
= 5V
DD
EE
5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
300
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
6.7 Typical Characteristics
Figure 2. Channel ON Resistance vs Input Signal Voltage
Figure 1. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 3. Channel ON Resistance vs Input Signal Voltage
Figure 4. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 5. ON Characteristics for 1 of 8 Channels (CD4051B)
Figure 6. Dynamic Power Dissipation vs Switching
Frequency (CD4051B)
10
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com