Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110T Datasheet(PDF) 75 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 75 Page - SPANSION

Back Button MB9B110T Datasheet HTML 71Page - SPANSION MB9B110T Datasheet HTML 72Page - SPANSION MB9B110T Datasheet HTML 73Page - SPANSION MB9B110T Datasheet HTML 74Page - SPANSION MB9B110T Datasheet HTML 75Page - SPANSION MB9B110T Datasheet HTML 76Page - SPANSION MB9B110T Datasheet HTML 77Page - SPANSION MB9B110T Datasheet HTML 78Page - SPANSION MB9B110T Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 129 page
background image
D a t a S h e e t
72
MB9B110T-DS706-00016-3v0-E, February 10, 2015
CONFIDENTIAL
Pin
status
type
Function
group
Power-on reset
or low-voltage
detection state
INITX
input state
Device
internal
reset state
Run mode
or sleep
mode state
Timer mode or stop
mode state
Power supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
N
GPIO
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Hi-Z/
Internal input
fixed at "0"
Sub crystal
oscillator
output pin
Hi-Z/
Internal input
fixed at "0"/
or Input enable
Hi-Z/
Internal
input fixed
at "0"
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state/ Hi-Z at
oscillation
stop*
2/
Internal input
fixed at "0"
Maintain
previous state/
Hi-Z at
oscillation
stop*
2/
Internal input
fixed at "0"
O
GPIO
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous state
Hi-Z/ Internal
input fixed at
"0"
P
Mode input
pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
GPIO
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Input enabled
Q
GPIO
selected,
resource
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal input
fixed at "0"
R
External
interrupt
enabled
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
GPIO
selected, or
resource
other than
above
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input
fixed at "0"
*1: Oscillation is stopped at Sub timer mode, Low-speed CR timer mode, and STOP mode.
*2: Oscillation is stopped at STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com