Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110T Datasheet(PDF) 82 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 82 Page - SPANSION

Back Button MB9B110T Datasheet HTML 78Page - SPANSION MB9B110T Datasheet HTML 79Page - SPANSION MB9B110T Datasheet HTML 80Page - SPANSION MB9B110T Datasheet HTML 81Page - SPANSION MB9B110T Datasheet HTML 82Page - SPANSION MB9B110T Datasheet HTML 83Page - SPANSION MB9B110T Datasheet HTML 84Page - SPANSION MB9B110T Datasheet HTML 85Page - SPANSION MB9B110T Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
D a t a S h e e t
January 31, 2014, MB9B110T-DS706-00016-3v0-E
79
CONFIDENTIAL
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
"L" level
output voltage
VOL
4 mA type
Vcc
≥ 4.5 V,
IOL = 4 mA
Vss
-
0.4
V
*1
Vcc
< 4.5 V,
IOL = 2 mA
8 mA type
Vcc ≥ 4.5 V,
IOL = 8 mA
Vss
-
0.4
V
*1
Vcc < 4.5 V,
IOL = 4 mA
12 mA type
Vcc ≥ 4.5 V,
IOL = 12 mA
Vss
-
0.4
V
Vcc < 4.5 V,
IOL = 8 mA
P80, P81,
P82, P83
Vcc ≥ 4.5 V,
IOL = 18.5 mA
Vss
-
0.4
V
*2
Vcc < 4.5 V,
IOL = 10.5 mA
Input leak
current
IIL
-
-
- 5
-
+ 5
μA
Pull-up
resistance
value
RPU
Pull-up pin
Vcc ≥ 4.5 V
25
50
100
kΩ
Vcc < 4.5 V
30
80
200
Input
capacitance
CIN
Other than
VCC,
VSS,
AVCC,
AVSS,
AVRH
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com