Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98722CCMT/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 31Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 32Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 33Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 34Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 35Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 36Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 37Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 38Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 150 page
background image
Color 1 Even Offset
Color 1 Odd Offset
Color 2 Even Offset
Color 1 Odd Offset
Color 3 Even Offset
Color 1 Odd Offset
16 Bit ADC
16
Digital
Offset
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7.4.10.2 Digital Offset
In addition, digital offset can be added to color data at the output of the ADC in the Digital Offset block. The
digital offsets are a +/- 6 bit value. This value is summed with the upper 11 bits of the ADC output. Therefore, the
effective offset range is from +2016 to -2048 lsbs of the ADC output.
The digital offset registers are found at Page 1, Registers 0x10h to 0x15h.
Figure 13. Digital Offset Applied to ADC Output
7.4.10.3 Even/Odd Offset Coefficients
Certain CCD sensors may have different offset voltages for the Even versus the Odd pixels. To optimize the
image processing of these pixels, separate coefficients can be stored, and applied for the Even and Odd pixels.
The Even/Odd offset feature is enabled by setting Page 0, Register 0x02h, Bit 0 = 1. Bimodal correction,
discussed below, is automatically disabled when Even/Odd offset coefficients are enabled.
Figure 14.
•
Analog Gain
–
The gain of each input channel can be adjusted at two points in the signal chain.
•
CDS/SH Gain - Page 1, Register 0x00h
–
A 1x or 2x gain setting is available in the CDS/SH amplifier.
–
By default, one common CDS/SH gain setting setting is used for all input channels. If desired, individual
CDS/SH gain settings can be used for each input. To enable this feature, set Page 1, Register 0x00h, Bit
2 = 1.
•
PGA Gain - Page 1, Registers 0x01h, 0x02h, 0x03h
–
An 8 bit PGA (Programmable Gain Amplifier) is also available. The PGA gain curve is non-linear for
optimal performance in imaging applications, and is shown on Figure 15. The approximate gain equation
is:
Gain (V/V) = 180/(277-PGA_Code), Gain (dB) = 20log10(180/(277-PGA_Code))
(1)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com