Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98722CCMT/NOPB Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 65 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 61Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 62Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 63Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 64Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 65Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 66Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 67Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 68Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7.4.15.3 Multiple SH Intervals
Multiple SH Intervals are supported for those CCD sensors that has different waveform and timing requirements
during successive SH Intervals. Up to 4 different SH Intervals are supported.
In the Multiple SH Interval mode, the Line Period can be different for each line, due to the possible different
settings for SH Interval duration. In that case the Line Periods would be calculated as follows:
Line Period1 = (Sum of SH Interval States1 x SH State Length Multiplier) + (Line Length Setting x Pixel Multiplier
Factor) pixels
Line Period2 = (Sum of SH Interval States2 x SH State Length Multiplier) + (Line Length Setting x Pixel Multiplier
Factor) pixels
Line Period3 = (Sum of SH Interval States3 x SH State Length Multiplier) + (Line Length Setting x Pixel Multiplier
Factor) pixels
Line Period4 = (Sum of SH Interval States4 x SH State Length Multiplier) + (Line Length Setting x Pixel Multiplier
Factor) pixels
In multiple SH Interval mode, the SH Interval States are subdivided as follows:
Table 10. Multiple SH Intervals Table
# SH INTERVALS
SH INTERVAL 1 STATES SH INTERVAL 2 STATES SH INTERVAL 3 STATES SH INTERVAL 4 STATES
1
0 to 30
2
0 to 14
15 to 30
3
0 to 9
10 to 19
20 to 30
4
0 to 6
7 to 14
15 to 22
23 to 30
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com