Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 111 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 107Page - Texas Instruments TAS3103DBT Datasheet HTML 108Page - Texas Instruments TAS3103DBT Datasheet HTML 109Page - Texas Instruments TAS3103DBT Datasheet HTML 110Page - Texas Instruments TAS3103DBT Datasheet HTML 111Page - Texas Instruments TAS3103DBT Datasheet HTML 112Page - Texas Instruments TAS3103DBT Datasheet HTML 113Page - Texas Instruments TAS3103DBT Datasheet HTML 114Page - Texas Instruments TAS3103DBT Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 146 page
background image
3−51
0.0625
0.25
0.375
−2W
Output
0.25
0.5
Output
−W
Triangular Distribution
Quadratic Distribution
16
Bit
Sample
32
Bit
Sample
24
Bit
Sample
20
Bit
Sample
18
Bit
Sample
8-Bit
Headroom
47
40
39
28
27
24
22
20
16
8
0
8-Bit
Resolution
Band
16-Bit
Output SAP
Word Size
32-Bit
Output SAP
Word Size
48-Bit DAP
Data Word
0W
−W
0
W
2W
ρ
ρ
Figure 3−30. Dither Data Magnitude (Gain = 1.0)
3.9.4
Dither Statistics
Figure 3−31 presents plots of the autocorrelation and channel-to-channel correlation properties of the dither data
stream when configured as triangular distributed noise. Figure 3−31(a) is the circular autocorrelation of 16K samples
of dither data collected from the TAS3103. The audio signal level was set to zero, and the dither data stream was
inserted at the LSB of the output word. The autocorrelation contains a single line of value 8000, at the point of
correlation, and random noise terms of approximately
±150 counts in value. The value 8000 agrees with the selection
of the triangular distribution—50% of the 16K dither output samples are of value
±1. Figure 3−31(b) is the circular
correlation of 16K samples of dither data from CH1 and 16K samples of dither data from CH2. There are no points
of correlation in this plot, verifying that the two data streams are uncorrelated. The random noise terms are again
approximately
±150 counts in value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com