Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 113 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 109Page - Texas Instruments TAS3103DBT Datasheet HTML 110Page - Texas Instruments TAS3103DBT Datasheet HTML 111Page - Texas Instruments TAS3103DBT Datasheet HTML 112Page - Texas Instruments TAS3103DBT Datasheet HTML 113Page - Texas Instruments TAS3103DBT Datasheet HTML 114Page - Texas Instruments TAS3103DBT Datasheet HTML 115Page - Texas Instruments TAS3103DBT Datasheet HTML 116Page - Texas Instruments TAS3103DBT Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 146 page
background image
3−53
selection of the quadratic distribution—50% of the 16K dither output samples are of value
±1 (0.5 x 12 x 16,000 = 8000)
and 12.5% of the 16K dither output samples are
±2 (0.125 x 22 x 16,000= 8000). Figure 3−32(b) is the circular
correlation of 16K samples of dither data from CH2 and 16K samples of dither data from CH3. There are no points
of correlation is this plot, verifying that the two data streams are uncorrelated. The random noise terms are
approximately
±300 counts in value, as the dither data pattern was inserted at the LSB+1 bit of the output word instead
of the LSB bit, as was the case for triangular dither.
(a) Auto-Correlation Plot − CH1
(b) Correlation Plot − CH2 and CH3
Figure 3−32. Triangular Dither Statistics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com