Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 114 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 110Page - Texas Instruments TAS3103DBT Datasheet HTML 111Page - Texas Instruments TAS3103DBT Datasheet HTML 112Page - Texas Instruments TAS3103DBT Datasheet HTML 113Page - Texas Instruments TAS3103DBT Datasheet HTML 114Page - Texas Instruments TAS3103DBT Datasheet HTML 115Page - Texas Instruments TAS3103DBT Datasheet HTML 116Page - Texas Instruments TAS3103DBT Datasheet HTML 117Page - Texas Instruments TAS3103DBT Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 146 page
background image
3−54
3.10 Output Crossbar Mixers
The TAS3103 has three serial output ports—SDOUT1, SDOUT2 and SDOUT3. Each serial output port is assigned
two processing nodes within the TAS3103. One of the two nodes sources the left stereo data sample and the other
node sources the right stereo data sample. Figure 3−33 shows the assignment of these internal nodes to the serial
output ports. Two cases are shown in Figure 3−33—discrete mode and TDM mode. The discrete mode connections
are straightforward, but the TDM connections are considerably more involved in order to support the different
one-chip and two-chip TDM modes (see the Input and Output Serial Port (SAP) section for more discussion on the
TDM modes).
The purpose of the output crossbar is to give each of the three monaural channels in the TAS3103 access to any of
the six internal processing nodes (U, V, W, X, Y, and Z) that supply data to the three serial output ports. This flexibility
in the routing of the monaural channel outputs to the serial output ports, coupled with the flexibility in the routing of
the serial input ports to the monaural channels, fully decouples the input data from the output data. A given process
flow and output data topology can be obtained from any ordering of data into the TAS3103.
Figure 3−34 shows the output crossbar mixer topology. Each monaural channel feeds six mixers. The six mixers, in
turn, feed the six output nodes U, V, W, X, Y, and Z. A given monaural channel can thus be connected to either the
left or right side of SDOUT1, SDOUT2 and SDOUT3.
The mixers, although capable of performing boost (gain) and cut (attenuation) on the outgoing audio, are typically
used to facilitate on / off switching (a 5.23 format coefficient value of 0x0800000 turns the mixer on and a coefficient
value of 0x0000000 turns the mixer off). The audio data streams at the input to these mixers include dither, and any
boost or cut in the audio at this point affects the dither levels as well.
Node r in Figure 3−34 provides a means of outputting a post-processed sum of the audio on channel 1 and channel
2. This capability could be used to generate a center audio component from L and R components being processed
on channels 1 and 2. This would allow channel 3 to be a sub-woofer channel. Node r could also be used to create
a subwoofer channel, assuming an active subwoofer with filtering capability is receiving the subwoofer output. This
option would then free channel 3 for center channel processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com