Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8201
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8201 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
21
8. Electrical Characteristics
8.1 D.C. Characteristics
8.1.1. Absolute Maximum Ratings
Symbol
Conditions
Minimum
Typical
Maximum
Supply Voltage
3.0V
3.3V
3.6V
Storage Temp.
-55
°C
125
°C
8.1.2. Operating Conditions
Symbol
Conditions
Minimum
Typical
Maximum
Vcc 3.3V
3.3V Supply voltage
3.0V
3.3V
3.6V
TA
Operating Temperature
0
°C
70
°C
8.1.3. Power Dissipation
Test condition: VCC=3.3V
Symbol
Condition
Total Current Consumption
PLDPS
Link down power saving mode
17 mA
PAnaOff
Analog off mode
13 mA
PPWD
Power down mode
3 mA
PIsolate
Isolate mode
3 mA
P100F
100Base full duplex
64 mA
P10F
10Base full duplex
82 mA
P10TX
10Base transmit
82 mA
P10RX
10Base receive
25 mA
P10IDLE
10Base idle
24 mA
8.1.4 Supply Voltage: Vcc
Symbol
Conditions
Minimum
Typical
Maximum
TTL VIH
Input High Vol.
0.5*Vcc
Vcc+0.5V
TTL VIL
Input Low Vol.
-0.5V
0.3*Vcc
TTL VOH
Output High Vol.
IOH=-8mA
0.9*Vcc
Vcc
TTL VOL
Output Low Vol.
IOL=8mA
0.1*Vcc
TTL IOZ
Tri-state Leakage
Vout=Vcc
or
GND
-10uA
10uA
IIN
Input Current
Vin=Vcc
or
GND
-1.0uA
1.0uA
Icc
Average
Operating
Supply Current
Iout=0mA
200mA
PECL VIH
PECL Input High Vol
Vdd-1.16V
Vdd-0.88V
PECL VIL
PECL Input Low Vol.
Vdd-1.81V
Vdd-1.47V
PECL VOH
PECL Output High Vol.
Vdd-1.02V
PECL VOL
PECL Output Low Vol.
Vdd-1.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com