Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTL8201
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTL8201 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
2
1. Features
The Realtek RTL8201BL is a Fast Ethernet Phyceiver with selectable MII or SNI interface to the MAC chip. It provides the
following features:
Supports MII/7-wire SNI (Serial Network
Interface) interface
Supports 10/100Mbps operation
Supports half/full duplex operation
Support of twisted pair or Fiber mode output
IEEE 802.3/802.3u compliant
Supports IEEE 802.3u clause 28 auto negotiation
Supports power down mode
Supports operation under Link Down Power
Saving mode
Supports Base Line Winder (BLW) compensation
Supports repeater mode
Speed/duplex/auto negotiation adjustable
3.3V operation with 5V IO signal tolerance
Low operation power consumption and only need
single supply 3.3V
Adaptive Equalization
25MHz crystal/oscillator as clock source
Multiple network status LED support
Flow control ability support to co-work with
MAC (by MDC/MDIO)
48 pin LQFP package
2. General Description
The RTL8201BL is a single-port Phyceiver with an MII (Media Independent Interface)/SNI(Serial Network Interface). It
implements all 10/100M Ethernet Physical-layer functions including the Physical Coding Sublayer (PCS), Physical Medium
Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10Base-Tx Encoder/Decoder and Twisted
Pair Media Access Unit (TPMAU). A PECL interface is supported to connect with an external 100Base-FX fiber optical
transceiver. The chip is fabricated with an advanced CMOS process to meet low voltage and low power requirements.
The RTL8201BL can be used as a Network Interface Adapter, MAU, CNR, ACR, Ethernet Hub, Ethernet Switch. Additionally,
it can be used in any embedded system with an Ethernet MAC that needs a twisted pair physical connection or fiber PECL
interface to external 100Base-FX optical transceiver module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com