Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTL8201
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTL8201 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
8
6. Register Descriptions
This section will describe definitions and usage for each of the registers available in the RTL8201BL.
6.1 Register 0 Basic Mode Control Register
Address
Name
Description/Usage
Default/Attribute
0:<15>
Reset
This bit sets the status and control registers of the
PHY in a default state. This bit is self-clearing.
1 = software reset
0 = normal operation
0, RW
0:<14>
Loopback
This bit enables loopback of transmit data nibbles
TXD<3:0> to the receive data path.
1 = enable loopback
0 = normal operation
0, RW
0:<13>
Spd_Set
This bit sets the network speed.
1 = 100Mbps
0 = 10Mbps
When 100Base-FX mode is enabled, this bit=1 and is
read only.
1, RW
0:<12>
Auto
Negotiation
Enable
This bit enables/disables the Nway auto-negotiation
function.
1 = enable auto-negotiation; bits 0:<13> and 0:<8>
will be ignored.
0 = disable auto-negotiation; bits 0:<13> and 0:<8>
will determine the link speed and the data transfer
mode, respectively.
When 100Base-FX mode is enabled, this bit=0 and is
read only.
1, RW
0:<11>
Power Down
This bit turns down the power of the PHY chip
including internal crystal oscillator circuit. The MDC,
MDIO is still alive for accessing the MAC.
1 = power down
0 = normal operation
0, RW
0:<10>
Reserved
0:<9>
Restart Auto
Negotiation
This bits allows the Nway auto-negotiation function
to be reset.
1 = re-start auto-negotiation
0 = normal operation
0, RW
0:<8>
Duplex Mode
This bit sets the duplex mode if auto negotiation is
disabled (bit 0:<12>=0)
1 = full duplex
0 = half duplex
After completing auto negotiation, this bit will reflect
the duplex status.(1: Full duplex, 0: Half duplex)
When 100Base-FX mode is enabled, this bit can be
set through the MDC/MDIO SMI interface or
DUPLEX pin.
1, RW
0:<7:0>
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com