Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RTL8201
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RTL8201 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
12
6.9 Register 17 Loopback, Bypass, Receiver Error Mask
Register(LBREMR)
Address
Name
Description/Usage
Default/Attribute
17:<15>
RPTR
Set to 1 to put the RTL8201BL into repeater mode
0, RW
17:<14>
BP_4B5B
Assertion of this bit allows bypassing of the 4B/5B &
5B/4B encoder.
0, RW
17:<13>
BP_SCR
Assertion of this bit allows bypassing of the
scrambler/descrambler.
0, RW
17:<12>
LDPS
Set to 1 to enable Link Down Power Saving mode
0, RW
17:<11>
AnalogOFF
Set to 1 to power down analog function of transmitter
and receiver.
0, RW
17:<10>
DetectLength
Detect length OK indication. Assert low to indicate
detect length OK.
0, RO
17:<9:8>
LB<1:0>
LB<1:0> are register bits for loopback control as
defined below:
1) 0 0 for normal mode;
2) 0 1 for PHY loopback;
3) 1 0 for twister loopback
<0, 0>, RW
17:<7>
F_Link_100
Used to logic force good link in 100Mbps for
diagnostic purposes.
1, RW
17:<6:5>
Reserved
17:<4>
CODE_err
Assertion of this bit causes a code error detection to
be reported.
0, RW
17:<3>
PME_err
Assertion of this bit causes a pre-mature end error
detection to be reported.
0, RW
17:<2>
LINK_err
Assertion of this bit causes a link error detection to be
reported.
0, RW
17:<1>
PKT_err
Assertion of this bit causes a detection of packet
errors due to 722 ms time-out to be reported.
0, RW
17:<0>
RWPara
Parameter access enable, set 1 to access register
20~24
0, RW
6.10 Register 18 RX_ER Counter(REC)
Address
Name
Description/Usage
Default/Attribute
18:<15:0>
RXERCNT
This 16-bit counter increments by 1 for each valid
packet received.
H’[0000],
RW
6.11 Register 19 10Mbps Network Interface Configuration Register
Address
Name
Description/Usage
Default/Attribute
19:<15:6>
Reserved
19:<5>
LD
This bit is the active low TPI link disable signal.
When low TPIstilltransmit link pulses and TPI stays
in good link state.
1, RW
19:<4:2>
Reserved
19:<1>
HBEN
Heart beat enable
1, RW
19:<0>
JBEN
1 = enable jabber function
0 = disable jabber function
1, RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com