Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTL8201
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTL8201 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
7
5.6 LED Interface/PHY Address Config
These five pins are latched into the RTL8201BL during power up reset to configure PHY address [0:4] used for MII
management register interface. And then, in normal operation after initial reset, they are used as driving pins for status
indication LED. The driving polarity, active low or active high, is determined by each latched status of the PHY address [4:0]
during power-up reset. If latched status is High then it will be active low, and if latched status is Low then it will be active high.
Refer to Section 7.5 for more information.
Symbol
Type
Pin No.
Description
PHYAD0/
LED0
LI/O
9
PHY Address [0]
Link LED: Active when linked.
PAD1/
LED1
LI/O
10
PHY Address [1]
Full Duplex LED: Active when in Full Duplex operation.
PHYAD2/
LED2
LI/O
12
PHY Address [2]
Link 10/ACT LED: Active when linked in 10Base-T mode, and blinking
when transmitting or receiving data.
PHYAD3/
LED3
LI/O
13
PHY Address [3]
Link 100/ACT LED: Active when linked in 100Base-TX and blinking
when transmitting or receiving data.
PHYAD4/
LED4
LI/O
15
PHY Address [4]
Collision LED: Active when collisions occur.
5.7 Reset and other pins
Symbol
Type
Pin No.
Description
RESETB
I
42
RESETB: Set low to reset the chip. For a complete reset function, this pin
must be asserted low for at least 10ms.
PWFBOUT
O
32
Power Feedback Output: Be sure to connect a 22uF tantalum capacitor for
frequency compensation and a 0.1uF capacitor for noise de-coupling. Then
connect this pin through a ferrite bead to PWFBIN(pin8). The connection
method is figured in section 7.11.
PWFBIN
I
8
Power Feedback Input: see the description of PWFBOUT.
NC
27
Not connection
5.8 Power and Ground pins
Symbol
Type
Pin No.
Description
AVDD33
P
36
3.3V Analog power input: 3.3V power supply for analog circuit; should be
well decoupled.
AGND
P
29,35
Analog Ground: Should be connected to a larger GND plane
DVDD33
P
14,48
3.3V Digital Power input: 3.3V power supply for digital circuit.
DGND
P
11,17,45
Digital Ground: Should be connected to a larger GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com