Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 49Page - Texas Instruments TUSB3410 Datasheet HTML 50Page - Texas Instruments TUSB3410 Datasheet HTML 51Page - Texas Instruments TUSB3410 Datasheet HTML 52Page - Texas Instruments TUSB3410 Datasheet HTML 53Page - Texas Instruments TUSB3410 Datasheet HTML 54Page - Texas Instruments TUSB3410 Datasheet HTML 55Page - Texas Instruments TUSB3410 Datasheet HTML 56Page - Texas Instruments TUSB3410 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
7–7
CTS
MSR
MCR
(4) LCTS
(5) LDSR
(6) LRI
(7) LCD
(5) RTS
(4) DTR
(6) LRI
(7) LCD
(2) LOOP
DSR
RI
DCD
RTS
DTR
Figure 7–1. MSR and MCR Registers in Loop-Back Mode
7.1.8
MSR: Modem-Status Register (Addr:FFA6)
This register provides information about the current state of the control lines from the modem.
765
4
3
2
1
0
LCD
LRI
LDSR
LCTS
∆CD
TRI
∆DSR
∆CTS
R/O
R/O
R/O
R/O
R/C
R/C
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
∆CTS
0
This bit indicates that the CTS input has changed state. Cleared when the MCU writes a 1 to this bit.
Writing a 0 has no effect.
∆CTS = 0
∆CTS = 1
Indicates no change in the CTS input
Indicates that the CTS input has changed state since the last time it was read. Clears when the
MCU writes a 1. Writing a 0 has no effect.
1
∆DSR
0
This bit indicates that the DSR input has changed state. Cleared when the MCU writes a 1 to this bit.
Writing a 0 has no effect.
∆DSR = 0
∆DSR = 1
Indicates no change in the DSR input
Indicates that the DSR input has changed state since the last time it was read. Clears when the
MCU writes a 1. Writing a 0 has no effect.
2
TRI
0
Trailing edge of the ring indicator. This bit indicates that the RI input has changed from low to high. This bit
is cleared when the MCU writes a 1 to this bit. Writing a 0 has no effect.
TRI = 0
TRI = 1
Indicates no applicable transition on the RI input
Indicates that an applicable transition has occurred on the RI input.
3
∆CD
0
This bit indicates that the CD input has changed state. Cleared when the MCU writes a 1 to this bit. Writing
a 0 has no effect.
∆CD = 0
∆CD = 1
Indicates no change in the CD input
Indicates that the CD input has changed state since the last time it was read.
4
LCTS
0
During loopback, this bit reflects the status of MCR[1] (see Figure 7–1)
LCTS = 0
LCTS = 1
CTS input is high
CTS input is low
5
LDSR
0
During loop back, this bit reflects the status of MCR[0] (see Figure 7–1).
LDSR = 0
LDSR= 1
DSR input is high
DSR input is low
6
LRI
0
During loop back, this bit reflects the status of MCR[2] (see Figure 7–1).
LRI = 0
LRI = 1
RI input is high
RI input is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com